Part Number Hot Search : 
PSMN0 NVZ6TLTA LT1078I MAX7420 B1048 TC74VCX 02000 3ADR2G
Product Description
Full Text Search
 

To Download SO20D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  90 60 30 3 7 5 4 8 2 9 1 6 10 inclination 24 13 5 3-7/8 2?power feed hole separate updated technical specification sheets with related models and light sources with i.e.s formatted photometry are available on www.luminis.com. photometry specification solis down light twin pole mount SO20D all exposed cast aluminum components are made of non corrosive pure aluminum copper free (aluminum is less than .1% copper content.#356 alloy.) finish: all polyester powder baked coatings preceded with a 5 baths preparation process. meets military grade mil-c781706 with a 2000 hours salt spray test. - pulse rated medium base porcelain socket. - 75w/600v thermoplastic compact fluorescent socket. - one-piece molded silicone gasket with memory retention. - high power factor cwa ballast. - all stainless steel hardware. - all moving and removable parts are sealed with a memory retention silicone gasket. 1 - cast aluminum sealed top cover. 2 - 8?dia. cast aluminum housing. 3 - cast aluminum sealed removable glass lens frame, with perimeter memory retention embedded silicone gasket. 4 - tempered clear glass lens. 5 - semi-specular aluminum reflector. 6 - 2?x 2?extruded square aluminum twin bollard stands. 7 - one piece heavy cast aluminum triangular bollard base. 8 - aluminum flush mount sealed access cover plate with socket flat head stainless steel screws. 9 - set of four 1/2?-13 x 18?lg. galvanized anchor bolts. luminis [ usa ] - 3555 nw 53rd court, fort lauderdale, fl.33309 tel: 954 .717 .4155 fax: 954 . 717 . 4157 web: www.luminis.com luminis [ canada ] - 87 c brunswick d.d.o. q.c. canada h9b 2j5 toll free: 888 .401 .6999 ul. wet location. certification light source selection 120 v standard factory prewired (if no voltage is specified) for other voltages, please specify with catalog number. 208 v 240 v 277 v 347 v model# v oltage o ptions SO20D8 SO20D10 SO20D12 h.i.d. mounting luminaires may be altered for design improvements or discontinued without prior notice. standard selection wht :snow white bkt : jet black bzt : bronze grt : titanium gray dgt : gun metal cht : champagne mst : matte silver gnt : forest green optional colors cs : custom color ral : ral# color (refer to color chart) l u m i i n s set of four 3/4?10 x 18?lg. galvanized anchor bolts. page 108 8 6 h.i.d. g12/t6 120 v 277 v finish electrical fs: fuse (lamps by others) mh (ed17) m50 m70 m100 m150 m175 hps (ed17) h 50 h70 h100 h150 mh (g12) t6 m39t m70t m150t for options details and specifications, please refer to pages 72 &128 SO20D8 (8ft) SO20D10 (10ft) SO20D12 (12ft) note : 50w.hps is available with 120/277v only. november 2007 rev.: feb.2008


▲Up To Search▲   

 
Price & Availability of SO20D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X